Part Number Hot Search : 
TFR315C MC33063 ATA68 018010 TLP747G MAX6641 GBU8A07 P6KE18
Product Description
Full Text Search
 

To Download PDP-4R-1300 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PDP-4R Series
0 POWER DIVIDERS / COMBINERS
2 to 2000 MHz / 4-Way / Low Insertion Loss / Hermetic Meri-Pac / Auto-Insertion-Ready
PRINCIPAL SPECIFICATIONS
Model Number Frequency Frequency Range, Performance, MHz MHz 2 - 100 200 - 1000 100 - 2000 Isolation, Insertion dB, Loss, dB, Min. Typ. Max. Typ. 30 20 20 35 25 23 1.0 1.5 3.0 0.6 1.0 2.5 Phase Balance, Max. Typ. 2 4 6 1 3 4 Amplitude VSWR Bal., dB, (In/Output) Max. Typ. Max. Typ. 0.2 0.5 0.6 0.1 0.3 0.4 1.3:1 1.2:1 1.5:1 1.3:1 1.8:1 1.5:1
PDP-4R-50 2 - 100 PDP-4R-1300 100 - 2000
Meri-PacTM R-Package Outline
GENERAL SPECIFICATIONS
Nominal Coupling: -- 6 dB Impedance: 50 nom. CW Input Power*: Above 1 MHz: 1 W max. Below 1 MHz: 0.5 W max. Internal Load Dissipation: 50 mW max. Nominal Weight: 0.35 oz.(10 g) Operating Temperature: -- 55 to +85C *When used as divider with 1.2:1 VSWRout
NOTES:
1. Tolerance on 3 place decimals 0.010(.25) except as noted. 2. Dimensions in inches over (millimeters). 3. Lead dimensions apply only at body. 4. All unmarked pins are case ground.
General Notes: 1. The PDP-4R series of 4-way Power Dividers/Combiners covers 2 to 2,000 MHz using a special lumped element design to reduce size making these units ideal for applications where space-saving is essential. 2. Electrical performance is quite good even though units in this series are unusually compact. The 0.805 inch square MeriPacTM that houses these 4-way Power Divider/Combiners is ideally suited for airborne and space applications where the inherent package reliability and hermeticity are critical.
22Feb96
For further information contact MERRIMAC / 41 Fairfield Pl., West Caldwell, NJ, 07006 / 973-575-1300 / FAX 973-575-0531


▲Up To Search▲   

 
Price & Availability of PDP-4R-1300

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X